Part Number Hot Search : 
AWM92100 7C344 ICL32 93LC56A 120FC 20N80 FM3100 U2505
Product Description
Full Text Search
 

To Download MBR20150CA Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  features  pl astic material used carries underwriters laboratory classifications 94v-0  metal silicon junction, majority carrier conduction  low power loss, high efficiency  high current capability, low forward voltage drop  high surge capability  for use in low voltage, high frequency inverters, free wheeling, and polarity protection applications  guardring for overvoltage protection  high temperature soldering guaranteed: 260 o c/10 seconds,0.25?(6.35mm)from case mechanical data  cases: jedec to-220ab molded plastic  terminals: pure tin plated, lead free. solderable per mil-std-750, method 2026  polarity: as marked  mounting position: any  mounting torque: 5 in. - lbs. max  weight: 2.1 gram approximately .196(5.00) .054(1.39) .038(0.96) .419(10.66) .139(3.55) min .624(15.87) .269(6.85) .548(13.93) .50(12.7)min .177(4.5)max .226(5.75) .163(4.16) .045(1.15) .019(0.50) .025(0.65)max .1(2.54) .1(2.54) .387(9.85) to-220ab unit : inch (mm) ? mbr2035ca thru mbr20200ca pb mbr2035ca thru mbr20200ca 20.0 ampere dual common anode schottky barrier rectifiers pb free plating product positive negative common cathode case case common anode suffix "ca" suffix "ct" ? 2006 thinki semiconductor co.,ltd. http://www.thinkisemi.com/ page 1/2 rev.04/2014 maximum ratings and electrical characteristics rating at 25 ambient temperature unless otherwise specified. single phase, half wave, 60 hz, resistive or inductive load. for capacitive load, derate current by 20% symbol mb r 2035 ca mb r 2045 ca mb r 2050 ca mb r 2060 ca mb r 2090 ca mb r 20100 ca mb r 20150 ca mb r 20200 ca units v rrm 35 45 50 60 90 100 150 200 v v rms 24 31 35 42 63 70 105 140 v v dc 35 45 50 60 90 100 150 200 v i rrm a ma 0.15 ma dv/dt v/us cj pf r jc t j t stg 1.10 15 10 5 0.1 a 0.99 0.87 v f peak repetitive reverse surge current (note 1) 0.85 0.85 0.75 0.95 0.84 0.80 note 2: pulse test : 300us pulse width, 1% duty cycle note 1: 2.0us pulse width, f=1.0khz operating temperature range storage temperature range - 65 to + 175 i r maximum instantaneous forward voltage at: (note 2) if=10a, t a =25 if=10a, t a =125 if=20a, t a =25 if=20a, t a =125 typical thermal resistance per leg type number 1.0 0.72 maximum instantaneous reverse current @ t a =25 at rated dc blocking voltage @ t a =125 a peak repetitive forward current (rated vr, square wave, 20khz) i frm 20 a i f(av) maximum dc blocking voltage 20 peak forward surge current, 8.3 ms single half sine- wave superimposed on rated load (jedec method) maximum average forward rectified current maximum recurrent peak reverse voltage maximum rms voltage typical junction capacitance 400 320 i fsm voltage rate of change (rated v r ) 0.70 0.95 0.85 0.5 150 - 0.57 v 1.23 1.0 2.0 - 65 to + 150 10000 /w
? mbr2035ca thru mbr20200ca ? 2006 thinki semiconductor co.,ltd. http://www.thinkisemi.com/ page 2/2 rev.04/2014 ratings and characteristic curves (mbr2035ca thru mbr20200ca) fig.1- forward current derating curve 0 4 8 12 16 20 24 0 50 100 150 case temperature ( o c) average forward a current (a) resistive or inductiveload fig. 2- maximum non-repetitive forward surge current 0 25 50 75 100 125 150 1 10 100 number of cycles at 60 hz peak forward surge current (a) 8.3ms single half sine wave jedec method fig. 4- typical reverse characteristics per leg 0.001 0.01 0.1 1 10 100 0 20 40 60 80 100 120 140 percent of rated peak reverse voltage (%) instantaneous reverse current (ma) ta=75 ta=125 ta=25 mbr2035ca-2045ca mbr2050ca-20100ca MBR20150CA-20200ca fig. 5- typical junction capacitance 100 1000 10000 0.1 1 10 100 reverse voltage (v) junction capacitance (pf) a mbr2035ca-2045ca mbr2050ca-20200ca ta=25 f=1.0mhz vsig=50mvp-p fig. 3- typical instantaneous forward characterisrics per leg 0.01 0.1 1 10 100 0 0.1 0.2 0.3 0.4 0.5 0.6 0.7 0.8 0.9 1 1.1 1.2 forward voltage (v) instantaneous forward current (a) ta=125 pulse width=300us 1% duty cycle ta=25 mbr2035ca-2045ca mbr2050ca-2060ca mbr20100ca MBR20150CA-200ca fig. 6- typical transient thermal impedance per leg 0.1 1 10 100 0.01 0.1 1 10 100 t-pulse duration. (sec) transient thermal impedance ( /w)


▲Up To Search▲   

 
Price & Availability of MBR20150CA

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X